Part Number Hot Search : 
AB115 LCM600L 10100 22400 U1AF28B1 R3003 Z8038D2N F7328
Product Description
Full Text Search
 

To Download 2741K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Shielded Transformer
* * Designed for DS1, DS1C, and CEPT applications Electrostatic shield provides improved longitudinal signal suppression 2741J has an internal connection to terminal 8; do not use * * * * * Operating temperature range: -40 C to +85 C Meets IEC 695, 2-2 flammability requirements PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias
TM00124
ELECTRICAL SPECIFICATIONS AT 25 C
DCR max
Turns Ratio 2% Part Number Pri : Sec
Primary Inductance1 mH min Pri
Leakage Inductance2 H max Sec
Interwinding Capacitance4 pF max
Minimum Interwinding Breakdown Voltage Vrms
2741J 2741K
1 CT3 : 1.37 1:1
0.923 1.25
0.83 0.7
1.25 0.85
2.03 2.0
8 3.5
850 500
1. measured at 10 kHz, 0.1 Vac 2. measured at 100 kHz, 0.1 Vac 3. connect 2 and 6 4. with pin 1 grounded
SCHEMATIC
2741J 2741K
S 3 6 CT 2 7 PRIMARY 5 1 SECONDARY 4
4
5
2
7
1 PRIMARY SECONDARY
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com T1-53
HIGH FREQUENCY MAGNETICS
TM00124
T1/E1 Through Hole Shielded Transformer
MECHANICAL
2741J 2741K
0.56 (14.22) MAX 0.46 (11.68) MAX
TERMINAL 1 IDENTIFIER
0.35 (8.89) MAX
0.155 (3.94)
0.100 (2.54)
0.023 (0.584) SQ TYP (PHOSPHOR BRONZE, SOLDER COATED)
1234 0.250 (6.35) 8 76 5
Unless otherwise specified, dimensions are nominal and in inches (millimeters).
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
CORPORATE
Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
T1-54


▲Up To Search▲   

 
Price & Availability of 2741K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X